PART |
Description |
Maker |
AP1519 AP1519S AP1519SA |
300 Khz, 2A PWM Buck DC/DC Converter 300KHz, 2A PWM Buck DC/DC Converter
|
Anachip Corp
|
GVT71512B18 GVT71256B36 |
(GVT7xxxx) 256K x 36 / 512K x 18 Sunchronous Burse Flowthrough SRAM
|
Cypress Semiconductor
|
MIC23051-CGYML MIC23051-C4YML MIC23051-16YML MIC23 |
4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
|
Micrel Semiconductor,Inc.
|
AP15012K5A AP150133K5A AP15015K5A AP1505K5A AP1501 |
12V 150KHz, 3A PWM buck DC/DC converter 3.3V 150KHz, 3A PWM buck DC/DC converter 5.0V 150KHz, 3A PWM buck DC/DC converter
|
ATC Analog Technology
|
AL8807BQ AL8807BQMP-13 |
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER AUTOMOTIVE GRADE HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
|
Diodes Incorporated
|
AP1506-D5LA AP1506-12D5L AP1506-12D5LA AP1506-33D5 |
Adj, 150 Khz, 3 A PWM buck DC/DC converter 12 V, 150 Khz, 3 A PWM buck DC/DC converter 3.3 V, 150 Khz, 3 A PWM buck DC/DC converter 5.0 V, 150 Khz, 3 A PWM buck DC/DC converter
|
Anachip
|
ISL6530_31EVAL1 ISL6530EVAL1 ISL6531 ISL6531CB ISL |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination 双同步降V的脉宽调制(PWM)控制器,用于数据存储器内存VDDQ和VTT终端 Dual Low-Noise High-Drive Operational Amplifier 8-SO 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6553 ISL6553EVA ISL6553CB ISL6553CB-T ISL6553EV |
PWM Controller, 2-Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|
AP1502-12S7LA AP1502-33S7LA AP1502-50S7LA AP1502-S |
12 V, 200 Khz, 1 A PWM buck DC/DC converter & 1 linear CTRL 3.3 V, 200 Khz, 1 A PWM buck DC/DC converter & 1 linear CTRL 5.0 V, 200 Khz, 1 A PWM buck DC/DC converter & 1 linear CTRL Adj, 200 Khz, 1 A PWM buck DC/DC converter & 1 linear CTRL
|
Anachip
|
ACE722A ACE722AFMH |
2A PWM BUCK DC-DC Converter
|
ACE Technology Co., LTD.
|